Part Number Hot Search : 
M7248 EL827 CT520 S5L1462B MXTK92T D78064 102K63 PD1600
Product Description
Full Text Search
 

To Download LBT07082 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 9MHz Bandwidth
Part Number: LBT07082
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 1 dB Bandwidth 3 dB Bandwidth 40 dB Bandwidth Passband Variation Absolute Delay Group Delay Variationf04.375MHz Ultimate Rejection Subatrate Material Ambient Temperature Package Size C
Unit
MHz dB MHz MHz MHz dB usec
Minimum
69.9 9 9.3 40
Typical
70 22.8 9.15 9.47 10.77 0.5 1.75 70 43 112LT 25 SMD13.3*6.5
Maximum
70.1 24.5 10.95 1 -
nsec dB
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=39nH L3=100nH
L2=180nH L4=150nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT07082 2005-3-7 1.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 9MHz Bandwidth
Part Number: LBT07082
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
4 5 6 7
3
2
1 12 11
8
9
10
7 6 5 4
8
9
10 11 12
3
2
1
Pin 11: Input Pin 5: Output
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT07082 2005-3-7 1.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 9MHz Bandwidth
Part Number: LBT07082
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-22.812
Passband Respond
Type performance -19
-20
-32.812
-21
-42.812
-22
-52.812
Magnitude(dB)
58 61 64 67 70 73 76 79 82
-23
-62.812
-24
-72.812
-25
-26
-82.812
-27
64
66
68
70 Frequency(MHz)
72
74
76
Group Delay Variation(f04.375kHz)
Phase Linearity(f04.375kHz)
Simth Chart
S11
Simth Chart
S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBT07082 2005-3-7 1.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBT07082

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X